Part Number Hot Search : 
RS101 HC705 H11L1SVM EHD66764 MAX3724E TCD2560D 61111K SP300410
Product Description
Full Text Search
 

To Download MIO1200-25E10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Technical Information
MIO 1200-25E10
IGBT Module
Single switch
Short Circuit SOA Capability Square RBSOA
C C' C C
IC80 = 1200 A = 2500 V VCES VCE(sat) typ. = 2.5 V
G E' E E E
IGBT Symbol VCES VGES IC80 ICM tSC TC = 80C tp = 1 ms; TC = 80C VCC = 1800 V; VCEM CHIP = < 2500 V; VGE < 15 V; TVJ < 125C Conditions Conditions VGE = 0 V Maximum Ratings 2500 20 1200 2400 10 V V A A s
Features * NPT IGBT - Low-loss - Smooth switching waveforms for good EMC * Industry standard package - High power density - AISiC base-plate for high power cycling capacity - AIN substrate for low thermal resistance Typical Applications * AC power converters for - industrial drives - windmills - traction * LASER pulse generator
Symbol
Characteristic Values (TVJ = 25C, unless otherwise specified) min. typ. max. 2.5 3.1 6 3.4 7.5 V V V
VCE(sat) VGE(th) ICES IGES td(on) tr td(off) tf Eon Eoff Cies Coes Cres Qge RthJC
IC = 1200 A; VGE = 15 V; TVJ = 25C TVJ = 125C IC = 240 mA; VCE = VGE VCE = 2500 V; VGE = 0 V; TVJ = 125C VCE = 0 V; VGE = 20 V; TVJ = 125C
120 mA 500 nA 365 250 980 345 1150 1250 186 13.7 3.0 12.2 ns ns ns ns mJ mJ nF nF nF C 0.009 K/W
Inductive load; TVJ = 125C; VGE = 15 V; VCC = 1250V; IC = 1200A; RG = 1.5; L = 100nH
VCE = 25 V; VGE = 0 V; f = 1 MHz IC = 1200 A; VCE = 1250 V; VGE = 15 V
Collector emitter saturation voltage is given at chip level IXYS reserves the right to change limits, test conditions and dimensions.
416
(c) 2004 IXYS All rights reserved
1-6
Advanced Technical Information
MIO 1200-25E10
Diode Symbol IF80 IFSM Conditions TC = 80C VR = 0 V; TVJ = 125C; tp = 10 ms; half-sinewave Maximum Ratings 1200 11000 A A
Symbol VF IRM trr QRR Erec RthJC
Conditions IF = 1200 A; TVJ = 25C TVJ = 125C
Characteristic Values min. typ. max. 1.75 1.8 1180 970 1150 990 V V A ns C mJ 0.017 K/W
VCC = 1250 V; IC = 1200 A; VGE = 15 V; RG = 1.5 ; TVJ = 125C Inductive load; L = 100nH
Forward voltage is given at chip level
Module Symbol TJM TVJ Tstg VISOL Md Conditions max. junction temperature Operating temperature Storage temperature 50 Hz Mounting torque Base-heatsink, M6 screws Main terminals, M8 screws Maximum Ratings +150 -40...+125 -40...+125 5000 4-6 8 - 10 C C C V~ Nm Nm
Symbol dA dS L Rterm-chip *) RthCH Weight
Conditions Clearance distance Surface creepage distance terminal to base terminal to terminal terminal to base terminal to terminal
Characteristic Values min. typ. max. 23 19 33 33 10 0.085 0.006 1500 mm mm mm mm nH m K/W g
Module stray inductance, C to E terminal Resistance terminal to chip per module; grease = 1 W/m*K
*) V = VCE(sat) + Rterm-chip * IC resp. V = VF + Rterm-chip * IF
2-6
(c) 2004 IXYS All rights reserved
416
Advanced Technical Information
MIO 1200-25E10
2400 2200 2000 1800 1600 1400 IC [A] 1200 1000 800 600 400 200 0 0 1 2 3 VCE [V] 4 5 6 9V IC [A] 17 V 15 V 13 V 11 V
2400 2200 2000 1800 1600 1400 1200 1000 800 600 400 Tvj = 25C 200 0 0 1 2 3 VCE [V] 4 5 6 Tvj = 125 C 17 V 15 V 13 V 11 V 9V
Fig. 1 Typical output characteristics, chip level
2400 2200 2000 25 C 1800 1600 1400 IC [A] 1200 1000 800 600 400 200 0 0 1 2 VCE [V] 3 4 5 VGE = 15 V 125 C
Fig. 2 Typical output characteristics, chip level
2400 2200 2000 1800 1600 1400 IC [A] 1200 1000 800 600 400 200 0 0 1 2 3 4 5 6 7 8 9 10 11 12 13 VGE [V] 125 C 25 C
Fig. 3 Typical onstate characteristics, chip level
20
Fig. 4 Typical transfer characteristics, chip level
1000
VCC = 1250 15 VCC = 1750
100
Cies
VGE = 0 V fOSC = 1 MHz VOSC = 50 mV
VGE [V]
10
C [nF]
Coes
10
5 IC = 1200 A Tvj = 25 C 0 0 2 4 6 Qg [C] 8 10 12
1 0 5 10
Cres
15 20 VCE [V]
25
30
35
Fig. 5 Typical gate charge characteristics (c) 2004 IXYS All rights reserved
3-6
416
Fig. 6 Typical capacitances vs collector-emitter voltage
Advanced Technical Information
MIO 1200-25E10
3.5 VCC = 1250 V R G = 1.5 ohm VGE = 15 V Tvj = 125 C L = 100 nH
6.0 VCC = 1250 V IC = 1200 A VGE = 15 V Tvj = 125 C L = 100 nH Eon
3.0
5.0
E on
2.5
4.0
2.0 E off 1.5
Eon, Eoff [J]
E on , E off [J]
3.0
2.0
1.0
Eoff
0.5
1.0
0.0 0 1000 IC [A] 2000 3000
0.0 0 5 10 RG [ohm] 15 20
Fig. 7 Typical switching energies per pulse vs collector current
10
Fig. 8 Typical switching energies per pulse vs gate resistor
10 VCC = 1250 V IC = 1200 A VGE = 15 V Tvj = 125 C L = 100 nH
td(off)
td(off)
td(on), tr, td(off), tf [s]
1
tf td(on), tr, td(off), tf
td(on) tr 1
td(on) 0.1 tr VCC = 1250 V RG = 1.5 ohm VGE = 15 V Tvj = 125 C L = 100 nH
tf
0.01 0 500 1000 IC [A] 1500 2000 2500
0.1 0 5 10 RG [ohm] 15 20
Fig. 9 Typical switching timesvs collector current
2.5 VCC 1800 V
Fig. 10 Typical switching timesvs gate resistor
2400 2200 2000
2 1800 1600 1.5 ICpulse / IC IF [A] 1400 1200 1000 1 800 600 0.5 IC, Chip IC, Module 0 0 500 1000 1500 VCE [V] 2000 2500 3000 400 200 0 0 0.5 1 VF [V] 1.5 2 2.5 125 C 25 C
Fig. 11 Turn-off safe operating area (RBSOA)
4-6
(c) 2004 IXYS All rights reserved
416
Fig. 12 Typical diode forward characteristics, chip level
Advanced Technical Information
MIO 1200-25E10
1600 VCC = 1250 V IC = 1200 A VGE = 15 V Tvj = 125 C L = 100 nH 1400 1200 IRM [A], QRR [C] 1000
1600 Q RR 1400
1200 1100 1000
1200 E rec [mJ], I RM [A], Q RR [C] IRM 1000 E rec
900 800 Erec [mJ] 700 600 500 400 300 200
QRR 800 Erec 600 IRM 400 200
800
600
400
200
VCC = 1250 V R G = 1.5 ohm VGE = 15 V T vj = 125 C L = 100 nH
100
0 0 500 1000 1500 IF [A] 2000 2500
0 0 5 10 RG [ohm] 15 20
0
Fig. 13 Typical reverse recovery characteristics vs forward current
Fig. 14 Typical reverse recovery characteristics vs gate resistor
0.1
Zth(j-c) Diode Zth(j-h) [K/W] IGBT, DIODE 0.01 Zth(j-c) IGBT
Zth JC(t) = Ri(1 - e -t/ i )
i =1
n
i
0.001
1 5.97 179 11.1 189
2 1.99 22 3.36 30
3 0.619 2.4 1.27 7.4
4 0.465 0.54 1.34 1.4
IGBT DIODE
0.01 0.1 t [s] 1 10
Ri(K/kW) i(ms) Ri(K/kW) i(ms)
0.0001 0.001
Fig. 15 Thermal impedance vs time
(c) 2004 IXYS All rights reserved
5-6
416
Advanced Technical Information
MIO 1200-25E10
Outline drawing
'
'
Note: all dimensions are shown in mm
6-6
(c) 2004 IXYS All rights reserved
416


▲Up To Search▲   

 
Price & Availability of MIO1200-25E10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X